PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
NTD5406NT4G NTD5406N |
Power MOSFET, 40 V, 70 A, Single N-Channel Power MOSFET 40 V, 70 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12.2 A, 40 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
NTHS4101PT1/D |
Trench Power MOSFET 20 V P Channel Single ChipFET 20 V, P-Channel Power MOSFET ChipFET Single Package(20V,单P通道ChipFET封装的功率MOSFET) 20五,P沟道功率MOSFET ChipFET的单包(20V的,单P通道ChipFET的封装的功率MOSFET的)
|
ON Semiconductor
|
NTMFS4120N NTMFS4120NT1G NTMFS4120NT3G |
Power MOSFET 30 V, 31 A, Single N-Channel SO-8 Flat Lead ; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 11000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET Power MOSFET 30 V, 31 A, Single N-Channel, SO-8 Flat Lead
|
ON Semiconductor
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IXFN26N90 IXFN25N90 IXFN-26N90 IXFN-25N90 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFETs Single Die MOSFET HiPerFET Power MOSFETs Single Die MOSFET 25 A, 900 V, 0.33 ohm, N-CHANNEL, Si, POWER, MOSFET
|
http:// IXYS[IXYS Corporation] IXYS, Corp.
|